Part Number Hot Search : 
SC20A OSO5G LMR56D SD1411 55562RFK AWG28 3SK0219 C51RBIA
Product Description
Full Text Search
 

To Download HFA1155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFA1155
TM
Data Sheet
June 2000
File Number
4863
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
The HFA1155 is a low power, high-speed op amp and is the most recent addition to Intersil's HFA1XX5 series of low power op amps and buffers. Intersil's proprietary complementary bipolar UHF-1 process, coupled with the current feedback architecture deliver superb bandwidth even at very high gains (>250MHz at AV = 10). The excellent video parameters make this amplifier ideal for professional video applications. Though specified for 5V operation, the HFA1155 operates with single supply voltages as low as 4.5V, and requires only 1.4mA of ICC in 5V applications (see Application Information section, and Application Note AN9897). For a lower distortion, higher bandwidth amplifier in a SOT23 package, please refer to the HFA1150 data sheet.
Features
* Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5mA * Low Distortion (10MHz, HD2). . . . . . . . . . . . . . . . . -53dBc * -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 380MHz * High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 1700V/s * Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 30ns * Excellent Gain Flatness . . . . . . . . . . . 0.04dB to 50MHz * High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 55mA * Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <7ns * Operates with 5V Single Supply (See AN9897)
Applications
* Video Switching and Routing * Pulse and Video Amplifiers * IF Signal Processing
Ordering Information
PART NUMBER (BRAND) HFA1155IB (H1155I) HFA1155IB96 (H1155I) HFA1155IH96 (1155) HFA11XXEVAL TEMP. RANGE (oC) -40 to 85 -40 to 85 -40 to 85 PACKAGE 8 Ld SOIC 8 Ld SOIC Tape and Reel 5 Ld SOT-23 Tape and Reel PKG. NO. M8.15 M8.15 P5.064
* Flash A/D Driver * Medical Imaging Systems * Related Literature - AN9420, Current Feedback Theory - AN9897, Single 5V Supply Operation
DIP Evaluation Board for High-Speed Op Amps
OPAMPSOT23EVAL SOT-23 Evaluation Board for High-Speed Op Amps
Pinouts
HFA1155 (SOIC) TOP VIEW HFA1155 (SOT23) TOP VIEW
NC -IN +IN V-
1 2 3 4 +
8 7 6 5
NC V+ OUT NC
OUT 1 V2 +
5 V+
+IN 3
4 -IN
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
HFA1155
Absolute Maximum Ratings
TA = 25oC
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175 SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 225 Moisture Sensitivity (see Technical Brief TB363) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1 SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1 Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (Lead Tips Only)
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Output Current (50% Duty Cycle) . . . . . . . . . . . . . . . . . . . . . . 60mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VSUPPLY = 5V, AV = +1, RF = 510, RL = 100, Unless Otherwise Specified (NOTE 2) TEST TEMP. LEVEL (oC) HFA1155IB (SOIC) HFA1155IH (SOT-23) MIN TYP MAX MIN TYP MAX UNITS
PARAMETER INPUT CHARACTERISTICS Input Offset Voltage (Note 3)
TEST CONDITIONS
A A
25 Full Full 25 Full 25 Full 25 Full Full 25 Full 25 Full Full 25 Full 25 Full 25 25 25 Full 25 25 25
40 38 45 42 25 2.5 -
2 10 46 50 25 40 20 12 40 1 6 50 40 2 3.0 4.7 26 35
6 10 40 65 40 50 50 60 7 10 15 27 -
40 38 45 42 25 2.5 -
2 10 46 50 25 40 20 12 40 1 6 50 40 2 3.0 4.7 26 35
6 10 40 65 40 50 50 60 7 10 15 27 -
mV mV V/oC dB dB dB dB A A nA/oC A/V A/V A A nA/oC A/V A/V A/V A/V k pF V nV/Hz pA/Hz pA/Hz
Input Offset Voltage Drift VIO CMRR VIO PSRR Non-Inverting Input Bias Current (Note 3) VCM = 2V VS = 1.25V +IN = 0V
C A A A A A A
+IBIAS Drift +IBIAS CMS Inverting Input Bias Current (Note 3) VCM = 2V -IN = 0V
C A A A A
-IBIAS Drift -IBIAS CMS -IBIAS PSS Non-Inverting Input Resistance Inverting Input Resistance Input Capacitance (Either Input) Input Common Mode Range Input Noise Voltage (Note 3) +Input Noise Current (Note 3) -Input Noise Current (Note 3) TRANSFER CHARACTERISTICS Open Loop Transimpedance Gain (Note 3) Minimum Stable Gain 100kHz 100kHz 100kHz VCM = 2V VS = 1.25V
C A A A A A C B C B B B
B A
25 Full
1
630 -
-
1
630 -
-
k V/V
2
HFA1155
Electrical Specifications
VSUPPLY = 5V, AV = +1, RF = 510, RL = 100, Unless Otherwise Specified (Continued) (NOTE 2) TEST TEMP. LEVEL (oC) HFA1155IB (SOIC) HFA1155IH (SOT-23) MIN TYP MAX MIN TYP MAX UNITS
PARAMETER AC CHARACTERISTICS -3dB Bandwidth (VOUT = 0.2VP-P, Note 3)
TEST CONDITIONS
AV = +2, (Note 4) Unless Otherwise Specified AV = -1 AV = +1 AV = +2 AV = +2 To 25MHz To 50MHz To 100MHz B B B B B B B B B 25 25 25 25 25 25 25 25 25 370 370 380 175 0.03 0.04 0.15 50 75 360 365 355 170 0.06 0.06 0.1 45 75 MHz MHz MHz MHz dB dB dB MHz MHz
-3dB Bandwidth (VOUT = 2VP-P) Gain Flatness (VOUT = 0.2VP-P, Note 3)
Full Power Bandwidth (VOUT = 5VP-P at AV = +2; VOUT = 4VP-P at AV = +1, Note 3) Output Voltage
AV = +1 AV = +2
OUTPUT CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified AV = -1 RL = 50, AV = -1 A A Output Current A A DC Closed Loop Output Resistance (Note 3) 2nd Harmonic Distortion (Note 3) 10MHz, VOUT = 2VP-P 20MHz, VOUT = 2VP-P 3rd Harmonic Distortion (Note 3) 10MHz, VOUT = 2VP-P 20MHz, VOUT = 2VP-P Rise and Fall Times Overshoot Slew Rate (VOUT = 5VP-P at AV = +2, -1; VOUT = 4VP-P at AV = +1) Settling Time (VOUT = 2V to 0V, Note 3) VOUT = 0.5VP-P VOUT = 0.5VP-P AV = -1 AV = +1 AV = +2 To 0.1% To 0.05% To 0.01% Overdrive Recovery Time VIDEO CHARACTERISTICS Differential Gain VIN = 2V NTSC, RL = 150 NTSC, RL = 75 Differential Phase NTSC, RL = 150 NTSC, RL = 75 POWER SUPPLY CHARACTERISTICS Power Supply Range Power Supply Current (Note 3) NOTES: 2. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only. 3. See Typical Performance Curves for more information. 4. The feedback resistor value depends on closed loop gain and package type. See the "Optimum Feedback Resistor" table in the Application Information section for values used for characterization. 5. The minimum supply voltage entry is a typical value. Note 5 B A Full Full 2.25 5.5 5.5 8 2.25 5.5 5.5 8 V mA B B B B B 25 Full 25, 85 -40 25 25 25 25 25 3.0 2.5 40 35 3.3 3.0 55 50 0.09 -53 -47 -66 -60 3.0 2.5 40 35 3.3 3.0 55 50 0.09 -53 -47 -66 -60 V V mA mA dBc dBc dBc dBc
TRANSIENT CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified B B B B B B B B B 25 25 25 25 25 25 25 25 25 1.1 12 1700 290 535 30 40 70 7 1.1 11 1650 270 510 38 50 75 7 ns % V/s V/s V/s ns ns ns ns
AV = +2, (Note 4) Unless Otherwise Specified B B B B 25 25 25 25 0.02 0.02 0.06 0.12 0.02 0.02 0.06 0.12 % % Degrees Degrees
3
HFA1155 Application Information
Relevant Application Notes
The following Application Notes pertain to the HFA1155: * AN9787-An Intuitive Approach to Understanding Current Feedback Amplifiers * AN9420-Current Feedback Amplifier Theory and Applications * AN9663-Converting from Voltage Feedback to Current Feedback Amplifiers * AN9897-Operating the HFA1155 from 5V Single Supply These publications may be obtained from Intersil's web site (www.intersil.com) or via our AnswerFax system.
ACL -1 +1 +2 +5 +10 OPTIMUM FEEDBACK RESISTOR RF () SOIC/SOT-23 576/576 453, (+RS = 348)/ 453, (+RS = 221) 715/604 402/475 182/182 BANDWIDTH (MHz) SOIC/SOT-23 370/360 370/365 380/355 300/300 230/250
5V Single Supply Operation
This amplifier operates at single supply voltages down to 4.5V. The dramatic supply current reduction at this operating condition (refer also to Figure 25) makes this op amp an even better choice for low power 5V systems. Refer to Application Note AN9897 for further information.
Performance Differences Between Packages
The HFA1155 is a high frequency current feedback amplifier. As such, it is sensitive to parasitic capacitances which influence the amplifier's operation. The different parasitic capacitances of the SOIC and SOT-23 packages yield performance differences (notably bandwidth and bandwidth related parameters) between the two devices - see Electrical Specification tables for details. Because of these performance differences, designers should evaluate and breadboard with the same package style to be used in production. Note that some "Typical Performance Curves" have separate graphs for each package type. Graphs not labeled with a specific package type are applicable to both packages.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly terminated transmission line will degrade the amplifier's phase margin resulting in frequency response peaking and possible oscillations. In most cases, the oscillation can be avoided by placing a resistor (RS) in series with the output prior to the capacitance. Figure 1 details starting points for the selection of this resistor. The points on the curve indicate the RS and CL combinations for the optimum bandwidth, stability, and settling time, but experimental fine tuning is recommended. Picking a point above or to the right of the curve yields an overdamped response, while points below or left of the curve indicate areas of underdamped performance. RS and CL form a low pass network at the output, thus limiting system bandwidth well below the amplifier bandwidth of 380MHz/355MHz (SOIC/SOT-23, AV = +2). By decreasing RS as CLincreases (as illustrated by the curves), the maximum bandwidth is obtained without sacrificing stability. In spite of this, bandwidth still decreases as the load capacitance increases. For example, at AV = +2, RS = 30, CL = 22pF, the SOIC bandwidth is 290MHz, but the bandwidth drops to 90MHz at AV = +2, RS = 6, CL = 390pF.
Optimum Feedback Resistor
The enclosed frequency response graphs detail the performance of the HFA1155 in various gains. Although the bandwidth dependency on ACL isn't as severe as that of a voltage feedback amplifier, there is an appreciable decrease in bandwidth at higher gains. This decrease can be minimized by taking advantage of the current feedback amplifier's unique relationship between bandwidth and RF. All current feedback amplifiers require a feedback resistor, even for unity gain applications, and the RF, in conjunction with the internal compensation capacitor, sets the dominant pole of the frequency response. Thus, the amplifier's bandwidth is inversely proportional to RF. The HFA1155 is optimized for RF = 715/604 (SOIC/SOT-23), at a gain of +2. Decreasing RF decreases stability, resulting in excessive peaking and overshoot (Note: Capacitive feedback causes the same problems due to the feedback impedance decrease at higher frequencies). At higher gains the amplifier is more stable, so RF can be decreased in a trade-off of stability for bandwidth. The table below lists recommended RF values for various gains, and the expected bandwidth.
4
HFA1155
50 AV = +2 SERIES OUTPUT RESISTANCE () 40
To order evaluation boards (part number HFA11XXEVAL or OPAMPSOT23EVAL), please contact your local sales office. The schematic and layout of the HFA11XXEVAL and OPAMPSOT23EVAL boards are shown below.
511 511 NC
30
1 20 IN 10 10F 0 0 50 100 150 200 250 300 350 400 0.1F -5V LOAD CAPACITANCE (pF) 50 2 3 4
8 7
0.1F 50
10F +5V OUT NC
6 5 GND GND
FIGURE 2. HFA11XXEVAL SCHEMATIC HFA11XXEVAL TOP LAYOUT
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs LOAD CAPACITANCE
PC Board Layout
The frequency response of this amplifier depends greatly on the amount of care taken in designing the PC board. The use of low inductance components such as chip resistors and chip capacitors is strongly recommended, while a solid ground plane is a must! Attention should be given to decoupling the power supplies. A large value (10F) tantalum in parallel with a small value chip (0.1F) capacitor works well in most cases. Terminated microstrip signal lines are recommended at the input and output of the device. Output capacitance, such as that resulting from an improperly terminated transmission line, will degrade the frequency response of the amplifier and may cause oscillations. In most cases, the oscillation can be avoided by placing a resistor in series with the output. Care must also be taken to minimize the capacitance to ground seen by the amplifier's inverting input. The larger this capacitance, the worse the gain peaking, resulting in pulse overshoot and eventual instability. To reduce this capacitance, remove the ground plane under traces connected to -IN and keep these traces as short as possible. Examples of good high frequency layouts are the evaluation boards shown below.
1 +IN
VH
VL
V+ VGND
HFA11XXEVAL BOTTOM LAYOUT
Evaluation Boards
The performance of the HFA1155IB (SOIC) may be evaluated using the HFA11XX Evaluation Board and a SOIC to DIP adaptor like the Aries Electronics Part Number 08-350000-10. The SOT-23 version can be evaluated using the OPAMPSOT23EVAL board. Note that the feedback and gain setting resistors on both boards must be changed to the appropriate values listed in the "Optimum Feedback Resistor" table.
5
HFA1155
OPAMPSOT23EVAL TOP LAYOUT OPAMPSOT23EVAL GND LAYOUT
OPAMPSOT23EVAL BOTTOM LAYOUT
49.9 OUT -5V 10F 0.1F 0 +IN 0 49.9 1 2 3
499
0.1F 5 0 + 4 499
10F +5V
GND
FIGURE 3. OPAMPSOT23EVAL SCHEMATIC
Typical Performance Curves
200 AV = +1 150 OUTPUT VOLTAGE (mV) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.)
VSUPPLY = 5V, RF = Value From the "Optimum Feedback Resistor" Table, TA = 25oC, RL = 100, Unless Otherwise Specified
2.0 AV = +1 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
FIGURE 4. SMALL SIGNAL PULSE RESPONSE
OUTPUT VOLTAGE (V)
FIGURE 5. LARGE SIGNAL PULSE RESPONSE
6
HFA1155 Typical Performance Curves
200 AV = +2 150 OUTPUT VOLTAGE (mV) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.)
VSUPPLY = 5V, RF = Value From the "Optimum Feedback Resistor" Table, TA = 25oC, RL = 100, Unless Otherwise Specified (Continued)
2.0 AV = +2
FIGURE 6. SMALL SIGNAL PULSE RESPONSE
200 AV = +5 150 OUTPUT VOLTAGE (mV) 100 AV = +10 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) AV = +5 -2.0 SOIC 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 2.0
OUTPUT VOLTAGE (V)
FIGURE 7. LARGE SIGNAL PULSE RESPONSE
AV = +10
SOIC
OUTPUT VOLTAGE (V)
AV = +5
AV = +5
TIME (5ns/DIV.)
FIGURE 8. SMALL SIGNAL PULSE RESPONSE
FIGURE 9. LARGE SIGNAL PULSE RESPONSE
200 SOT-23 150 OUTPUT VOLTAGE (mV) 100 50 0 -50 -100 -150 -200 TIME (5ns/DIV.) AV = +10 AV = +5 AV = +10 OUTPUT VOLTAGE (V)
2.0 AV = +10 1.5 1.0 0.5 AV = +5 0 -0.5 -1.0 -1.5 -2.0 TIME (5ns/DIV.) AV = +5 SOT-23
FIGURE 10. SMALL SIGNAL PULSE RESPONSE
FIGURE 11. LARGE SIGNAL PULSE RESPONSE
7
HFA1155 Typical Performance Curves
VSUPPLY = 5V, RF = Value From the "Optimum Feedback Resistor" Table, TA = 25oC, RL = 100, Unless Otherwise Specified (Continued)
NORMALIZED GAIN (dB)
NORMALIZED GAIN (dB)
3 0 -3 -6
VOUT = 200mVP-P , SOIC GAIN
AV = +1
3 0 -3
VOUT = 200mVP-P , SOIC GAIN
AV = +5
AV = +2 PHASE AV = +2
AV = +10 -6 PHASE AV = +5 0 90 180 AV = +10 270 360 1 10 100 FREQUENCY (MHz) 1000 PHASE (DEGREES) PHASE (DEGREES)
0 90 180 270 360 PHASE (DEGREES)
AV = +1 1 10 100 FREQUENCY (MHz) 1000
FIGURE 12. FREQUENCY RESPONSE
VOUT = 200mVP-P , SOIC 0.4 0.3 NORMALIZED GAIN (dB) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 1 AV = +1 AV = +2 NORMALIZED GAIN (dB)
FIGURE 13. FREQUENCY RESPONSE
VOUT = 5VP-P , AV = 2, SOIC VOUT = 4VP-P , AV = 1
3 0 AV = +2 -3 -6 -9 AV = +1
1
10 FREQUENCY (MHz)
100
1000
10 100 FREQUENCY (MHz)
1000
FIGURE 14. GAIN FLATNESS
FIGURE 15. FULL POWER BANDWIDTH
NORMALIZED GAIN (dB)
NORMALIZED GAIN (dB)
3 0 -3 -6
VOUT = 200mVP-P , SOT-23 GAIN AV = +2
3 0 -3
VOUT = 200mVP-P , SOT-23 GAIN
AV = +5
AV = +1 PHASE 0 90 180 270 360 AV = +1 1 10 100 FREQUENCY (MHz) 1000 PHASE (DEGREES) AV = +2
AV = +10 -6 PHASE AV = +5 0 90 180 270 AV = +10 360 1000
1
10 100 FREQUENCY (MHz)
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. FREQUENCY RESPONSE
8
HFA1155 Typical Performance Curves
VOUT = 200mVP-P , SOT-23 0.4 0.3 NORMALIZED GAIN (dB) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 1 10 100 FREQUENCY (MHz) 1000 AV = +1 AV = +2 NORMALIZED GAIN (dB) AV = +1
VSUPPLY = 5V, RF = Value From the "Optimum Feedback Resistor" Table, TA = 25oC, RL = 100, Unless Otherwise Specified (Continued)
VOUT = 5VP-P , AV = 2, SOT-23 VOUT = 4VP-P , AV = 1
3 0 AV = +2 -3 -6 AV = +1 -9
1
10 FREQUENCY (MHz)
100
1000
FIGURE 18. GAIN FLATNESS
FIGURE 19. FULL POWER BANDWIDTH
630 GAIN GAIN (k) 63
1000 OUTPUT RESISTANCE ()
100
180 PHASE 135
PHASE (DEGREES)
6.3
10
0.63
90 45 0
1
0.1 0.3 1 10 100 FREQUENCY (MHz) 1000
0.01
0.1
1 10 FREQUENCY (MHz)
100
500
FIGURE 20. OPEN LOOP TRANSIMPEDANCE
FIGURE 21. CLOSED LOOP OUTPUT RESISTANCE
0.1 SETTLING ERROR (%)
AV = +2 VOUT = 2V SOIC SETTLING ERROR (%)
0.1
AV = +2 VOUT = 2V SOT-23
0.05 0.025 0 -0.025 -0.05
0.05 0.025 0 -0.025 -0.05
-0.1
-0.1
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
TIME (ns)
TIME (ns)
FIGURE 22. SETTLING RESPONSE
FIGURE 23. SETTLING RESPONSE
9
HFA1155 Typical Performance Curves
10 9 8 NOISE VOLTAGE (nV/Hz) 7 6 5 4 I NI 3 2 1 0 100 1K 10K FREQUENCY (Hz) 100K I NI+ ENI ENI
VSUPPLY = 5V, RF = Value From the "Optimum Feedback Resistor" Table, TA = 25oC, RL = 100, Unless Otherwise Specified (Continued)
100 90 80 NOISE CURRENT (pA/Hz) 70 60 50 40 30 20 10 0 SUPPLY CURRENT (mA) 6 5 4 3 2 1 0 4 5 6 7 8 9 10 11 12 TOTAL SUPPLY VOLTAGE (V+ - V-, V) 8 7
FIGURE 24. INPUT NOISE vs FREQUENCY
FIGURE 25. SUPPLY CURRENT vs SUPPLY VOLTAGE
-25 -30 -35 DISTORTION (dBc) -40 -45 -50 -55 -60 -65 -6 -3 0 3 6 OUTPUT POWER (dBm) 9 12 10MHz 20MHz 50MHz
-30
-40 DISTORTION (dBc)
-50 50MHz -60 20MHz
-70 10MHz -80
-90 -6 -3 0 6 3 OUTPUT POWER (dBm) 9 12
FIGURE 26. 2nd HARMONIC DISTORTION vs POUT
FIGURE 27. 3rd HARMONIC DISTORTION vs POUT
10
HFA1155 Die Characteristics
DIE DIMENSIONS: 53 mils x 25mils 1350m x 630m METALLIZATION: Type: Metal 1: AlCu (2%)/TiW Thickness: Metal 1: 8kA 0.4kA Type: Metal 2: AlCu (2%) Thickness: Metal 2: 16kA 0.8kA PASSIVATION: Type: Nitride Thickness: 4kA 0.5kA TRANSISTOR COUNT: 40 SUBSTRATE POTENTIAL (POWERED UP): Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1155
V+
OUT
V-
-IN
+IN
11
HFA1155 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C) 8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
L
A1 B C D E
A1 0.10(0.004) C
e H h L N
0.050 BSC 0.2284 0.0099 0.016 8 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 8 0o 6.20 0.50 1.27
e
B 0.25(0.010) M C AM BS
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
12
HFA1155 Small Outline Transistor Plastic Packages (SOT23-5)
D
P5.064
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES
L
e1
MILLIMETERS MIN 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 MAX 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 NOTES 3 3 4, 5 6 10o Rev. 0 10/98
SYMBOL A
MIN 0.036 0.000 0.036 0.0138 0.0036 0.111 0.103 0.060
MAX 0.057 0.0059 0.051 0.0196 0.0078 0.118 0.118 0.068
E
C L C L E1
A1 A2 b C
e
C L 0.20 (0.008) M C L C
b
C
D E E1 e e1
0.0374 Ref 0.0748 Ref 0.004 5 0o 10o 0o 0.023
0.95 Ref 1.90 Ref 0.10 5 0.60
A A2
A1
SEATING PLANE -C-
L N
0.10 (0.004) C
NOTES: 1. Dimensioning and tolerances per ANSI 14.5M-1982. 2. Package conforms to EIAJ SC-74A (1992). 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs. 4. Footlength L measured at reference to seating plane. 5. "L" is the length of flat foot surface for soldering to substrate. 6. "N" is the number of terminal positions. 7. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369
13


▲Up To Search▲   

 
Price & Availability of HFA1155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X